Part Number Hot Search : 
MAX823 KM611001 W25X32BV P800B 1002CT 2SC2261 25V5X CMZ5354B
Product Description
Full Text Search
 

To Download 2N6569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2N6569
DESCRIPTION With TO-3 package Complement to type 2N6594 Wide area of safe operation APPLICATIONS Designed for low voltage amplifier power switching applications
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IE IEM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Emitter current Emitter current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 45 40 5 12 24 5 17 34 100 200 -65~200 ae ae UNIT V V V A A A A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.1A ;IB=0 IC=4A; IB=0.4A IC=12A; IB=2.4A IC=4A; IB=0.4A VCE=40V; IB=0 VCB=45V; IE=0 VEB=5V; IC=0 IC=4A ; VCE=3V IC=12A ; VCE=4V IC=1.0A ; VCE=4V;f=0.5MHz 15 5 1.5 MIN 40 TYP.
2N6569
SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VBEsat ICEO ICBO IEBO hFE-1 hFE-2 fT
MAX
UNIT V
1.5 4.0 2.0 1.0 1.0 5.0 200 100 20
V V V mA mA mA
MHz
Switching times td tr tstg tf Delay time Rise time Storage time Fall time IC=2A; IB1=-IB2=0.2A VCC=30V; tp=25|I s; Duty CycleU 2.0% 0.4 1.5 5.0 1.5 |I |I |I |I s s s s
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.75 UNIT ae /W
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6569
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X